PART |
Description |
Maker |
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
HSR412 HSR412L HSR312L HSR312 HSR412LSR2 HSR312S H |
Optically Coupled Solid State Relay PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
LH1500AAB LH1500AABTR LH1500AT |
Solid State Relay (LH1500AAB/AT/AABTR) Solid State Relay Solid State Relay 固态继电器
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
TSZ1J2A45-N |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN DUAL IN ONE PACKAGE TYPE SSR TOSHIBA SOLID DTATD AC RELAY
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
CD20CDW CD20CDY SCD21CDY CD00CFY CD01CFW CD01CFY C |
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay DC Solid-State Relay
|
Teledyne Technologies I... Willow Technologies Ltd
|
PS12-1W PS12-1Y |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX PLASTIC PACKAGE-4 PS12 Series High Performance Solid State Relays
|
Mini-Circuits Tyco Electronics
|
VN460 VN460SP VN460SP13TR 5691 VN460SP-E |
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY SINGLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY From old datasheet system SINGLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|